| Electronic Components Datasheet Search |
|
AD9161BBCZ Datasheet(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9161BBCZ Datasheet(HTML) 51 Page - Analog Devices |
|
51 / 144 page ![]() Data Sheet AD9161/AD9162 Rev. D | Page 51 of 51 LANE 0 DESERIALIZED AND DESCRAMBLED DATA LANE 0 DATA CLOCK SERDIN0± FIFO SERDIN7± FIFO CROSS- BAR SWITCH LANE 7 DESERIALIZED AND DESCRAMBLED DATA LANE 7 DATA CLOCK PCLK DATA LINK LAYER SPI CONTROL SYSREF± SYNCOUTx± SYSTEM CLOCK PHASE DETECT LANE 0 OCTETS LANE 7 OCTETS QUAD-BYTE DEFRAMER QBD Figure 150. Data Link Layer Block Diagram L RECEIVE LANES (LATEST ARRIVAL) L ALIGNED RECEIVE LANES 0 CHARACTER ELASTIC BUFFER DELAY OF LATEST ARRIVAL K = K28.5 CODE GROUP SYNCHRONIZATION COMMA CHARACTER A = K28.3 LANE ALIGNMENT SYMBOL F = K28.7 FRAME ALIGNMENT SYMBOL R = K28.0 START OF MULTIFRAME Q = K28.4 START OF LINK CONFIGURATION DATA C = JESD204x LINK CONFIGURATION PARAMETERS D = Dx.y DATA SYMBOL 4 CHARACTER ELASTIC BUFFER DELAY OF EARLIEST ARRIVAL L RECEIVE LANES (EARLIEST ARRIVAL) KK KKKK KRDD KK KRDD DD AR Q C C DD AR Q C C D DARD D DDAR DD KK KKKK KRDD DD AR Q C C DDAR DD Figure 151. Lane Alignment During ILAS JESD204B Serial Link Establishment A brief summary of the high speed serial link establishment process for Subclass 1 is provided. See Section 5.3.3 of the JESD204B specifications document for complete details. Step 1: Code Group Synchronization Each receiver must locate /K/ (K28.5) characters in its input data stream. After four consecutive /K/ characters are detected on all link lanes, the receiver block deasserts the SYNCOUT± signal to the transmitter block at the receiver LMFC edge. The transmitter captures the change in the SYNCOUT± signal and at a future transmitter LMFC rising edge starts the ILAS. Step 2: Initial Lane Alignment Sequence The main purposes of this phase are to align all the lanes of the link and to verify the parameters of the link. Before the link is established, write each of the link parameters to the receiver device to designate how data is sent to the receiver block. The ILAS consists of four or more multiframes. The last character of each multiframe is a multiframe alignment character, /A/. The first, third, and fourth multiframes are populated with predetermined data values. Note that Section 8.2 of the JESD204B specifications document describes the data ramp that is expected during ILAS. The AD9161/AD9162 do not require this ramp. The deframer uses the final /A/ of each lane to align the ends of the multiframes within the receiver. The second multiframe contains an /R/ (K.28.0), /Q/ (K.28.4), and then data corresponding to the link parameters. Additional multiframes can be added to the ILAS if needed by the receiver. By default, the AD9161/AD9162 use four multiframes in the ILAS (this can be changed in Register 0x478). If using Subclass 1, exactly four multiframes must be used. After the last /A/ character of the last ILAS, multiframe data begins streaming. The receiver adjusts the position of the /A/ character such that it aligns with the internal LMFC of the receiver at this point. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |