Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 31Page - Analog Devices AD9161BBCZ Datasheet HTML 32Page - Analog Devices AD9161BBCZ Datasheet HTML 33Page - Analog Devices AD9161BBCZ Datasheet HTML 34Page - Analog Devices AD9161BBCZ Datasheet HTML 35Page - Analog Devices AD9161BBCZ Datasheet HTML 36Page - Analog Devices AD9161BBCZ Datasheet HTML 37Page - Analog Devices AD9161BBCZ Datasheet HTML 38Page - Analog Devices AD9161BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 35 of 144
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
DIGITAL SCALE = 0dB
DIGITAL SCALE = –6dB
DIGITAL SCALE = –12dB
DIGITAL SCALE = –18dB
SHUFFLE FALSE
SHUFFLE TRUE
Figure 100. SFDR vs. fOUT over Digital Scale
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
DIGITAL SCALE = 0dB
DIGITAL SCALE = –6dB
DIGITAL SCALE = –12dB
DIGITAL SCALE = –18dB
SHUFFLE FALSE
SHUFFLE TRUE
Figure 101. IMD vs. fOUT over Digital Scale
4000
1000
3000
2000
5000
6000
9000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
Figure 102. SFDR vs. fOUT over fDAC
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
IOUTFS = 20mA
IOUTFS = 30mA
IOUTFS = 40mA
Figure 103. SFDR vs. fOUT over DAC IOUTFS
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
IOUTFS = 20mA
IOUTFS = 30mA
IOUTFS = 40mA
Figure 104. IMD vs. fOUT over DAC IOUTFS
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
4000
1000
2000
3000
5000
6000
9000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
Figure 105. IMD vs. fOUT over fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com