Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 77Page - Analog Devices AD9161BBCZ Datasheet HTML 78Page - Analog Devices AD9161BBCZ Datasheet HTML 79Page - Analog Devices AD9161BBCZ Datasheet HTML 80Page - Analog Devices AD9161BBCZ Datasheet HTML 81Page - Analog Devices AD9161BBCZ Datasheet HTML 82Page - Analog Devices AD9161BBCZ Datasheet HTML 83Page - Analog Devices AD9161BBCZ Datasheet HTML 84Page - Analog Devices AD9161BBCZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 81 of 81
DAC analog roll-off due to switch parasitic capacitance and
load impedance
For example, a sine wave with no digital backoff ideally measures
6 dBm. If a typical balun loss of 1.2 dB is included, expect to
measure 4.8 dBm of actual power in the region where the sinc
response of the DAC has negligible influence and analog roll-off
has not begun. Increasing the output power is best accomplished
by increasing IOUTFS. An example of DAC output characteristics
for several balun and board types is shown in Figure 192.
Output Stage Configuration
The AD9161/AD9162 are intended to serve high dynamic range
applications that require wide signal reconstruction bandwidth
(such as a DOCSIS cable modem termination system (CMTS))
and/or high IF/RF signal generation. Optimum ac performance
can be realized only when the DAC output is configured for
differential (that is, balanced) operation with its output common-
mode voltage biased to a stable, low noise 2.5 V nominal analog
supply (VDD25_DAC).
The output network used to interface to the DAC provides a near
0 Ω dc bias path to VDD25_DAC. Any imbalance in the output
impedance over frequency between the OUTPUT+ and
OUTPUT− pins degrades the distortion performance (mostly
even order) and noise performance. Component selection and
layout are critical in realizing the performance potential of the
AD9161/AD9162.
Most applications that require balanced to unbalanced conversion
from 10 MHz to 3 GHz can take advantage of several available
transformers that offer impedance ratios of both 2:1 and 1:1.
Figure 191 shows the AD9161/AD9162 interfacing to the Mini-
Circuits TCM1-63AX+ and the TC1-1-43X+ transformers.
50Ω
50Ω
L
L
MINI-CIRCUITS
TCM1-63AX+
TC1-1-43X+
OUTPUT+
OUTPUT–
C
C
VDD25_DAC
Figure 191. Recommended Transformer for Wideband Applications with
Upper Bandwidths of up to 5 GHz
5
0
–5
–10
–15
–20
0123
fOUT (GHz)
456
BAL-0006
TC1-1-43X+
TCM1-63AX+
Figure 192. Measured DAC Output Response; fDAC = 6 GSPS
To assist in matching the AD9161/AD9162 output, an equiva-
lent model of the output was developed, and is shown in
Figure 193. This equivalent model includes all effects from the
ideal 40 mA current source in the die to the ball of the CSP_
BGA package, including parasitic capacitance, trace inductance
and resistance, contact resistance of solder bumps, via
inductance, and other effects.
3.59Ω
3.59Ω
470pH
470pH
40mA
179Ω
1.14pF
248fF
OUTPUT–
OUTPUT+
Figure 193. Equivalent Circuit Model of the DAC Output
A Smith chart is provided in Figure 194 showing the simulated
S11 of the DAC output, using the model in Figure 193. The plot
was taken using the circuit in Figure 193, with a 100 Ω
differential load instead of the balun. For the measured response
of the DAC output, see Figure 192.
0
0
5.0
–5.0
2.0
1.0
–1.0
FREQUENCY (10MHz TO 6GHz)
–2.0
0.5
–0.5
0.2
–0.2
m1
FREQUENCY = 10MHz
S (1, 1) = 0.770/149.556
IMPEDANCE = Z0 × (0.140 + j0.267)
m2
FREQUENCY = 100MHz
S (1, 1) = 0.227/163.083
IMPEDANCE = Z0 × (0.638 + j0.089)
m3
FREQUENCY = 1GHz
S (1, 1) = 0.367/–144.722
IMPEDANCE = Z0 × (0.499 – j0.245)
m4
FREQUENCY = 2GHz
S (1, 1) = 0.583/–148.777
IMPEDANCE = Z0 × (0.282 – j0.259)
m5
FREQUENCY = 4GHz
S (1, 1) = 0.794/–170.517
IMPEDANCE = Z0 × (0.116 – j0.082)
m6
FREQUENCY = 6GHz
S (1, 1) = 0.779/168.448
IMPEDANCE = Z0 × (0.125 + j0.100)
m6
m5
m4
m3
m2
m1
Figure 194. Simulated Smith Chart Showing the DAC Output Impedance
(ZO = 100 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com