Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 33Page - Analog Devices AD9161BBCZ Datasheet HTML 34Page - Analog Devices AD9161BBCZ Datasheet HTML 35Page - Analog Devices AD9161BBCZ Datasheet HTML 36Page - Analog Devices AD9161BBCZ Datasheet HTML 37Page - Analog Devices AD9161BBCZ Datasheet HTML 38Page - Analog Devices AD9161BBCZ Datasheet HTML 39Page - Analog Devices AD9161BBCZ Datasheet HTML 40Page - Analog Devices AD9161BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 37 of 144
DOCSIS Performance (NRZ Mode)
IOUTFS = 40 mA, fDAC = 3.076 GSPS, nominal supplies, FIR85 enabled, TA = 25°C, unless otherwise noted.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 112. Single Carrier at 70 MHz Output
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 113. Four Carriers at 70 MHz Output
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 114. Eight Carriers at 70 MHz Output
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 115. Single Carrier at 70 MHz Output (Shuffle On)
0
–10
–30
–40
–20
–50
–60
–70
–80
–90
FREQUENCY (MHz)
0
500
1000
1500
2000
2500
3000
Figure 116. Four Carriers at 70 MHz Output (Shuffle On)
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Figure 117. Eight Carriers at 70 MHz Output (Shuffle On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com