Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 62Page - Analog Devices AD9161BBCZ Datasheet HTML 63Page - Analog Devices AD9161BBCZ Datasheet HTML 64Page - Analog Devices AD9161BBCZ Datasheet HTML 65Page - Analog Devices AD9161BBCZ Datasheet HTML 66Page - Analog Devices AD9161BBCZ Datasheet HTML 67Page - Analog Devices AD9161BBCZ Datasheet HTML 68Page - Analog Devices AD9161BBCZ Datasheet HTML 69Page - Analog Devices AD9161BBCZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 66 of 66
The FIR85 filter can be used with the 1× bypass mode, but in
that mode, the signal is limited to the lower half of the Nyquist
zone, that is, up to fDAC/4. If the NCO is used with FIR85 in 1×
bypass mode, images of the NCO upconversion appears because
the data interface in 1× bypass is real; therefore, an image reject
upconversion cannot be accomplished by the NCO. To synthe-
size a signal and then upconvert it with the NCO, use the complex
data interface and choose an appropriate interpolator prior to
FIR85.
Table 35 shows how to select each available interpolation mode,
their usable bandwidths, and their maximum data rates. Calculate
the available signal bandwidth as the interpolator filter bandwidth,
BW, multiplied by fDAC/InterpolationFactor, as follows:
BWSIGNAL = BWFILT × (fDAC/InterpolationFactor)
Filter Performance
The interpolation filters interpolate between existing data in
such a way that they minimize changes in the incoming data
while suppressing the creation of interpolation images. This
datapath is shown for each filter in Figure 162.
The usable bandwidth (as shown in Table 35) is defined as the
frequency band over which the filters have a pass-band ripple of
less than ±0.001 dB and an image rejection of greater than
85 dB. A conceptual drawing that shows the relative bandwidth
of each of the filters is shown in Figure 162. The maximum pass
band amplitude of all filters is the same; they are different in the
illustration to improve understanding.
–1500
–500
500
1500
2500
FREQUENCY (MHz)
1×
2×
3×
4×
6×
8×
12×
16×
24×
FIR85
Figure 162. All Band Responses of Interpolation Filters
Filter Performance Beyond Specified Bandwidth
Some of the interpolation filters are specified to 0.4 × fDATA (with
a pass band). The filters can be used slightly beyond this ratio at
the expense of increased pass-band ripple and decreased
interpolation image rejection.
Table 35. Interpolation Modes and Usable Bandwidth
Interpolation Mode
INTERP_MODE, Register 0x110, Bits[3:0]
Available Signal Bandwidth
(BW)1
Maximum fDATA (MHz)
1× (Bypass)
0x00
fDAC/2
fDAC2
2×
0x01
BW × fDATA/2
fDAC/22
3×
0x02
BW × fDATA/2
fDAC/3
4×
0x03
BW × fDATA/2
fDAC/4
6×
0x04
BW × fDATA/2
fDAC/6
8×
0x05
BW × fDATA/2
fDAC/8
12×
0x06
BW × fDATA/2
fDAC/12
16×
0x07
BW × fDATA/2
fDAC/16
24×
0x08
BW × fDATA/2
fDAC/24
2× NRZ (Register 0x111, Bit 0 = 1)
Any combination3
0.45 × fDAC4
fDAC (real) or fDAC/2(complex)2
1 The data rate (fDATA) for all interpolator modes is a complex data rate, meaning each of I data and Q data run at that rate. The data rate for the 1× bypass mode is a real
data rate. Available signal bandwidth is the data rate multiplied by the bandwidth of the initial 2× or 3× interpolator filters, which can be set to BW = 80% or BW =
90%. This bandwidth is centered at 0 Hz.
2 The maximum speed for 1× and 2× interpolation is limited by the JESD204B interface, and is 5000 MHz (real) in 1× or 2500 MHz (complex) in 2× interpolation mode.
3 The 2× NRZ filter, FIR85, can be used with any of the interpolator combinations. When used in 1× bypass mode, the desired signal must be placed in the lower half of the
first Nyquist zone, as in 0 to DAC clock ÷ 4 MHz.
4 The bandwidth of the FIR85 filter is centered at 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com