Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 32Page - Analog Devices AD9161BBCZ Datasheet HTML 33Page - Analog Devices AD9161BBCZ Datasheet HTML 34Page - Analog Devices AD9161BBCZ Datasheet HTML 35Page - Analog Devices AD9161BBCZ Datasheet HTML 36Page - Analog Devices AD9161BBCZ Datasheet HTML 37Page - Analog Devices AD9161BBCZ Datasheet HTML 38Page - Analog Devices AD9161BBCZ Datasheet HTML 39Page - Analog Devices AD9161BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 36 of 36
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
Figure 106. Single-Carrier W-CDMA at 1887.5 MHz
3000
2600
2800
3200
3400
3800
3600
fOUT (MHz)
–65
–70
–80
–60
–75
–90
–85
FIRST ACLR
SECOND ACLR
Figure 107. Single-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
3000
2600
2800
3200
3400
3800
3600
fOUT (MHz)
–65
–70
–80
–60
–75
–90
–85
THIRD ACLR
FOURTH ACLR
FIFTH ACL
Figure 108. Single-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
Figure 109. Four-Carrier W-CDMA at 1980 MHz
3200
fOUT (MHz)
2600
3000
2800
3400
3600
3800
–65
–70
–80
–85
–60
–75
–90
FIRST ACLR
SECOND ACLR
Figure 110. Four-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
3200
fOUT (MHz)
2600
3000
2800
3400
3600
3800
–65
–70
–80
–85
–60
–75
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACL
Figure 111. Four-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com