Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 89Page - Analog Devices AD9161BBCZ Datasheet HTML 90Page - Analog Devices AD9161BBCZ Datasheet HTML 91Page - Analog Devices AD9161BBCZ Datasheet HTML 92Page - Analog Devices AD9161BBCZ Datasheet HTML 93Page - Analog Devices AD9161BBCZ Datasheet HTML 94Page - Analog Devices AD9161BBCZ Datasheet HTML 95Page - Analog Devices AD9161BBCZ Datasheet HTML 96Page - Analog Devices AD9161BBCZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 93 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x034 SYNC_LMFC_STAT0
[7:0] SYNC_LMFC_DELAY_STAT[7:0]
Measured delay from rising
edge of SYSREF± input to rising
edge of LMFC in DAC clock
units (note: 2 LSBs are always
zero). A write to
SYNC_LMFC_STATx or
SYSREF_PHASEx saves the data
for readback.
0x0
R/W
0x035 SYNC_LMFC_STAT1
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SYNC_LMFC_DELAY_STAT[11:8]
Measured delay from rising
edge of SYSREF± input to rising
edge of LMFC in DAC clock
units (note: 2 LSBs are always
zero). A write to
SYNC_LMFC_STATx or
SYSREF_PHASEx saves the data
for readback.
0x0
R/W
0x036 SYSREF_COUNT
[7:0] SYSREF_COUNT
Count of SYSREF± signals
received. A write resets the
count. A write to
SYNC_LMFC_STATx or
SYSREF_PHASEx saves the data
for readback.
0x0
R/W
0x037 SYSREF_PHASE0
[7:0] SYSREF_PHASE[7:0]
Phase of measured SYSREF±
event. Thermometer encoded.
A write to SYNC_LMFC_STATx
or SYSREF_PHASEx saves the
data for readback.
0x0
R/W
0x038 SYSREF_PHASE1
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SYSREF_PHASE[11:8]
Phase of measured SYSREF±
event. Thermometer encoded.
A write to SYNC_LMFC_STATx
or SYSREF_PHASEx saves the
data for readback.
0x0
R/W
0x039 SYSREF_JITTER_WINDOW
[7:6] RESERVED
Reserved.
0x0
R
[5:0] SYSREF_JITTER_WINDOW
Amount of jitter allowed on the
SYSREF± input. SYSREF± jitter
variations bigger than this
triggers an interrupt. Units are
in DAC clocks. The bottom two
bits are ignored.
0x0
R/W
0x03A SYNC_CTRL
[7:2] RESERVED
Reserved.
0x0
R
[1:0] SYNC_MODE
Synchronization mode.
0x0
R/W
00 Do not perform
synchronization, monitor
SYSREF± to LMFC delay only.
01 Perform continuous
synchronization of LMFC on
every SYSREF±.
10 Perform a single
synchronization on the next
SYSREF±, then switch to
monitor mode.
0x03F TX_ENABLE
7
SPI_DATAPATH_POST
SPI control of the data at the
output of the datapath.
0x1
R/W
0 Disable or zero the data from
the datapath into the DAC.
1 Use the data from the datapath
to drive the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com