Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 38 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD8065 Datasheet HTML 34Page - Analog Devices AD8065 Datasheet HTML 35Page - Analog Devices AD8065 Datasheet HTML 36Page - Analog Devices AD8065 Datasheet HTML 37Page - Analog Devices AD8065 Datasheet HTML 38Page - Analog Devices AD8065 Datasheet HTML 39Page - Analog Devices AD8065 Datasheet HTML 40Page - Analog Devices AD8065 Datasheet HTML 41Page - Analog Devices AD8065 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 38 of 68
Partial Register Access
The PARTIAL_REGISTER_ ACCESS bit in the INTERFACE_STA-
TUS_A register is set when a multibyte register is accessed for read
or write partially, which means that the transaction ends before all
the bytes of a multibyte register have been accessed. To clear this
error, write 1 to the PARTIAL_REGISTER_ ACCESS bit.
Invalid Access
When the host tries to access an invalid register address, the REG-
ISTER_ADDRESS_INVALID bit is set in the INTERFACE_STA-
TUS_A register. To clear this error, write 1 to this bit.
ALERT PIN
When one of the errors listed in Table 14 is detected and its
corresponding bit in the ERR_ALARM_MASK register is set to 0,
the ALERT pin is asserted. This pin can be used as an interrupt line
for the CPU to take action when an error condition arises.
In addition, the ALERT pin is asserted when the RESET_STATUS
bit is asserted in the ERR_STATUS register. This condition is not
maskable. Therefore, the RESET_STATUS bit must be cleared
after initialization to use the ALERT pin. If the pin remains asserted
after clearing all the error sources, it means that there has been
an error during the initialization of the device and it must be power
cycled.
The ALERT pin requires a pull-up resistor that can be provided
externally or internally. The chip incorporates an internal 2.5 kΩ
pull-up resistor that can be enabled by setting the ALERT_ENA-
BLE_PULLUP bit in the INTERFACE_CONFIG_D register.
The ALERT pin is deasserted when all the errors are cleared in
their corresponding registers.
DEVICE ID
The AD3552R includes numerous registers providing silicon related
information. The following registers can be used to identify that the
correct chip type and version are assembled:
►
CHIP_TYPE
►
PRODUCT_ID_L
►
PRODUCT_ID_H
►
CHIP_GRADE
►
SPI_REVISION
►
VENDOR_L
►
VENDOR_H
SUMMARY OF INTERFACE ACCESS MODES
Finding the correct SPI mode can be difficult given the number of
modes and the restrictions on specific registers or memory regions,
specially when not using QSPI. To facilitate the implementation
of the driver in the CPU, a decision tree is presented in Figure
90. Figure 90 depicts how the driver must proceed depending on
the configuration of the interface and the registers being accessed
when the QSPI pin is low. The decision tree is much simpler when
QSPI is high, as shown in Figure 91.
Figure 90. Register Access Modes when QSPI Pin is Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com