Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices AD8065 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 25 of 68
CUSTOM OUTPUT VOLTAGE SPAN
In addition to the predefined output span ranges configured
via the CH0_CH1_OUTPUT_RANGE register, the output span
range can be customized by programming the offset and gain
registers in conjunction with the external feedback resistor. The
CHx_RANGE_OVERRIDE bit must be set in the CH0_GAIN regis-
ter or CH1_GAIN register to override the predefined range and
offset values. Gain is configured as a combination of two parame-
ters, CHx_GAIN_SCALING_P and CHx_GAIN_SCALING_N in the
CH0_GAIN register or CH1_GAIN register. The absolute value of
the offset is configured in the CH0_OFFSET register or CH1_OFF-
SET register and the sign is configured with the CHx_OFFSET_PO-
LARITY bit in the CH0_GAIN register or CH1_GAIN register.
The bounds of the output span are defined in the following equa-
tions:
Zero−Scale Output Voltage  VOUT_ZS =2.5
−1.6×RF× GainP−Offset
Full−Scale Output Voltage  VOUT_FS =2.5+1
.6×RF× GainN+Offset
where:
RF = 1.610938 for RFB1_x, 3.228125 for RFB2_x, and 6.488125 for
RFB4_x
GainP= 1
2CHx_GAIN_SCALING_P
GainN= 1
2CHx_GAIN_SCALING_N
Offset=OFFSET_POLARITY × CHx_OFFSET
512
OFFSET_POLARITY = 1 if CHx_OFFSET_POLARITY = 0 and −1 if
CHx_OFFSET_POLARITY = 1
Note that a given output span range can be configured in multiple
ways, by combining a larger RFBx_y value with a smaller GainN
and GainP value or the other way around. A smaller GainN or GainP
value results in lower power consumption, but a larger RFBx_y
value is required to achieve the same output, which results in
higher noise density.
TRANSFER FUNCTION
The conversion of the digital code to the DAC output current follows
a linear relation with the code in plain binary. The ideal output
current, in mA, is given by the following equation:
IOUTx=1.6× GainP−Offset− D216×
GainP+GainN
where:
D is the decimal equivalent of the binary code that is loaded in the
DAC register
Offset, GainP, and GainN are according to the definitions given in
the Custom Output Voltage Span section
The conversion of current to voltage is performed in the external
TIA. If the internal feedback resistor is used, the output voltage
follows the following equation:
VOUTx=VCMx−RF×IOUTx
where:
VCMx is the common-mode voltage at the VCMx pin that is connected
to the noninverting input of the TIA, nominally 2.5 V
RF is according to the definition given in the Custom Output Voltage
Span section.
VREF
The AD3552R has an internal 2.5 V voltage reference with a
3 ppm/°C temperature coefficient that is enabled at power-up. The
VREF pin is in high impedance at power-up to avoid electrical
problems. If the internal reference must be used externally, the
REFERENCE_VOLTAGE_SEL bits in the REFERENCE_CONFIG
register must be written to enable the VREF output as described in
Table 9.
When the external reference is selected, the VREF pin behaves as
an input.
Table 9. Voltage Reference Selection
REFERENCE_VOLTAGE_SEL
Source
VREF I/O
00
Internal
Floating
01
Internal
2.5 V
10
External
Input
11
External
Input
SPI REGISTER MAP ACCESS
SPI Frame Synchronization
The CS signal frames data during an SPI transaction. A falling edge
on CS enables the digital interface and initiates an SPI transaction.
Each SPI transaction consists of at least one instruction phase and
data phase, as described in the Instruction Phase section and the
Data Phase section. For all SPI transactions, data is aligned MSB
first. Deasserting CS during an SPI transaction terminates part or
all of the data transfer and disables the digital interface. If CS is
deasserted (returned high) after one or more register addresses
are issued, those registers are written or read, but any partially
addressed register is ignored. Figure 68 and Figure 69 outline the
stages of a basic SPI write and read frame, respectively, for the
AD3552R in register mode.
Detailed timing diagrams for register read and write operations are
shown in Figure 2 and Figure 11. The timing specification is given in
the Timing Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com