Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 55 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD8065 Datasheet HTML 51Page - Analog Devices AD8065 Datasheet HTML 52Page - Analog Devices AD8065 Datasheet HTML 53Page - Analog Devices AD8065 Datasheet HTML 54Page - Analog Devices AD8065 Datasheet HTML 55Page - Analog Devices AD8065 Datasheet HTML 56Page - Analog Devices AD8065 Datasheet HTML 57Page - Analog Devices AD8065 Datasheet HTML 58Page - Analog Devices AD8065 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 55 of 68
Output Range Register
Address: 0x19, Reset: 0x00, Name: CH0_CH1_OUTPUT_RANGE
This register sets the output range of the DAC channels to one of the preconfigured ranges listed in Table 8. In addition to setting this register,
the corresponding RFBx_y resistor must be connected to obtain the expected result.
Table 38. Bit Descriptions for CH0_CH1_OUTPUT_RANGE
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
CH1_OUTPUT_RANGE_SEL
Channel 1 Output Range Select. The user can select which voltage
output range is desired.
0x0
R/W
000 0 V to 2.5 V range. Requires RFB1_1 connection.
001 0 V to 5 V range. Requires RFB1_1 connection.
010 0 V to 10 V range. Requires RFB2_1 connection.
011 −5 V to +5 V range. Requires RFB2_1 connection.
100 −10 V to +10 V range. Requires RFB4_1 connection.
[3:0]
CH0_OUTPUT_RANGE_SEL
Channel 0 Output Range Select. The user can select which voltage
output range is desired.
0x0
R/W
000 0 V to 2.5 V range. Requires RFB1_0 connection.
001 0 V to 5 V range. Requires RFB1_0 connection.
010 0 V to 10 V range. Requires RFB2_0 connection.
011 −5 V to +5 V range. Requires RFB2_0 connection.
100 −10 V to +10 V range. Requires RFB4_0 connection.
Channel 0 Offset Register
Address: 0x1B, Reset: 0x00, Name: CH0_OFFSET
This register configures the dc offset of the Channel 0 DAC. For this value to take effect, the CH0_RANGE_OVERRIDE bit must be set in the
CH0_GAIN register.
Table 39. Bit Descriptions for CH0_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH0_OFFSET
Channel 0 DC Offset.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com