Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices AD8065 Datasheet HTML 29Page - Analog Devices AD8065 Datasheet HTML 30Page - Analog Devices AD8065 Datasheet HTML 31Page - Analog Devices AD8065 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 28 of 68
Streaming Mode
When the SINGLE_INSTRUCTION bit in the INTERFACE_CON-
FIG_B register is set to 0, single instruction mode is disabled and
streaming mode is enabled. In streaming mode, multiple registers
with adjacent addresses can be accessed with a single instruction
phase and data phase, allowing efficient access of contiguous
regions of memory (for example, during initial device configuration).
The AD3552R is configured in streaming mode by default.
When in streaming mode, each SPI frame consists of a single in-
struction phase and the following data phase contains data for mul-
tiple registers with adjacent addresses. A starting register address
is specified by the digital host in the instruction phase, and this
address is automatically incremented or decremented (based on
the address direction setting) after each byte of data is accessed.
The data phase can, therefore, be multiple bytes long, and each
consecutive byte of read or write data corresponds to the next
higher or lower register address (for ascending and descending
address direction, respectively).
When writing or reading from a multibyte register in streaming
mode with address ascending, the user must address the least
significant byte of the register in the instruction phase. The data
phase starts transferring data from the least significant byte in first
place.
When writing or reading from a multibyte register in streaming
mode with the address descending, the user must start addressing
the most significant byte of the register in the instruction phase. The
data phase starts transferring the most significant byte in first place.
Figure 73 shows the instruction and data phase when using stream-
ing mode with address descending to write some registers of the
AD3552R starting from Address 0x16. The length of the data
phase determines the number of data bytes to be transferred to
consecutive addresses. CS is brought high at the end of the write
transaction (in Figure 73, the end of the write transaction occurs
after Address 0x02).
Figure 74 shows the instruction and data phase when using stream-
ing mode with address ascending to read some registers of the
AD3552R starting from Address 0x16. The length of the data
phase determines the number of data bytes to be transferred to
consecutive addresses. CS is brought high at the end of the read
transaction (in Figure 74, the end of the read transaction occurs
after Address 0x02).
The STREAM_MODE register can be used to specify a range of
consecutive registers to loop through in the data phase. Looping
allows the digital host to repeatedly read from or write to a set of
registers (for example, CHx_DAC_16B register at Address 0x29 to
Address 0x2C) as efficiently as possible. When accessing register
addresses after and including Address 0x29, the address direction
must always be set as descending.
If STREAM_MODE is set to 0, looping is disabled and the following
occurs:
►
If address direction is set to descending, the address decre-
ments until it reaches 0x00. On the subsequent byte accesses,
the address is set to the top of the addressable space (Address
0x4B). Note that restrictions may apply in terms of SPI mode
access depending on the register address.
►
If address direction is set to ascending, the address increments
until it reaches the top of the addressable space (Address 0x4B).
On the subsequent byte access, the address is reset to 0x00.
Note that restrictions may apply in terms of SPI mode access
depending on the register address. Multibyte registers greater
than 0x28 do not update in ascending mode.
If STREAM_MODE is set to a value other than 0, looping is enabled
and the value corresponds to the number of bytes to be accessed
in the data phase before the address loops back to the value
specified in the address phase. An example is shown in Figure 75.
The value of the STREAM_MODE register can be preserved or
reset to 0 at the end of the transaction (when CS returns high)
depending on the value of the STREAM_LENGTH_KEEP_VALUE
bit in the TRANSFER_REGISTER, as shown in Table 10.
Table 10. Stream Mode Autoreset
STREAM_LENGTH_KEEP_VALUE
STREAM_MODE Register
0
Autoreset
1
Keeps previous value
Figure 73. Streaming Mode Register Write with Address Descending
Figure 74. Streaming Mode Register Read with Looping Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com