Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 60 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD8065 Datasheet HTML 56Page - Analog Devices AD8065 Datasheet HTML 57Page - Analog Devices AD8065 Datasheet HTML 58Page - Analog Devices AD8065 Datasheet HTML 59Page - Analog Devices AD8065 Datasheet HTML 60Page - Analog Devices AD8065 Datasheet HTML 61Page - Analog Devices AD8065 Datasheet HTML 62Page - Analog Devices AD8065 Datasheet HTML 63Page - Analog Devices AD8065 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 60 of 68
Table 47. Bit Descriptions for CH_SELECT_16B
Bits
Bit Name
Settings
Description
Reset
Access
0 No operation.
1 Copy to corresponding register in Channel 0.
Input Page Register, Fast Mode
Address: 0x30, Reset: 0x0000, Name: INPUT_PAGE_16B
This register is used to write data to one or both DAC input registers according to the configuration of the SEL_CHx bits in the CH_SE-
LECT_16B register.
Table 48. Bit Descriptions for INPUT_PAGE_16B
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
INPUT_PAGE
Input Page Data. Following a write to this register, the DAC code loaded into this register
is copied into the input register of any channels selected in the CH_SELECT_16B
register.
0x0
R/W
Software LDAC Register, Fast Mode
Address: 0x32, Reset: 0x00, Name: SW_LDAC_16B
This register is used to trigger a data transfer between the input registers and the DAC registers. It is the software equivalent of pulsing the
LDAC line low.
Table 49. Bit Descriptions for SW_LDAC_16B
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
SW_LDAC_CH1
Software LDAC for Channel 1. Setting this bit transfers contents from the
CH1_INPUT_16B register to the CH1_DAC_16B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 1.
0
SW_LDAC_CH0
Software LDAC for Channel 0. Setting this bit transfers contents from the
CH0_INPUT_16B register to the CH0_DAC_16B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com