Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 64 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD8065 Datasheet HTML 60Page - Analog Devices AD8065 Datasheet HTML 61Page - Analog Devices AD8065 Datasheet HTML 62Page - Analog Devices AD8065 Datasheet HTML 63Page - Analog Devices AD8065 Datasheet HTML 64Page - Analog Devices AD8065 Datasheet HTML 65Page - Analog Devices AD8065 Datasheet HTML 66Page - Analog Devices AD8065 Datasheet HTML 67Page - Analog Devices AD8065 Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 64 of 68
Software LDAC Register, Precision Mode
Address: 0x45, Reset: 0x00, Name: SW_LDAC_24B
This register is used to trigger a data transfer between the input registers and the DAC registers. It is the software equivalent of pulsing the
LDAC line low.
Table 58. Bit Descriptions for SW_LDAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
SW_LDAC_CH1
Software LDAC for Channel 1. Setting this bit transfers contents from the
CH1_INPUT_24B register to the CH1_DAC_24B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 1.
0
SW_LDAC_CH0
Software LDAC for Channel 0. Setting this bit transfers contents from the
CH0_INPUT_24B register to the CH0_DAC_24B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 0.
Input Register for Channel 0, Precision Mode
Address: 0x46, Reset: 0x000000, Name: CH0_INPUT_24B
This register contains the data to be transferred to the DAC register using one of the various trigger options, hardware LDAC, software LDAC,
or automatic transfer.
Table 59. Bit Descriptions for CH0_INPUT_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
INPUT_DATA0
Channel 0 Input Data.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com