Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 24 of 68
PRODUCT DESCRIPTION
The AD3552R is a 16-bit, 33 MUPS dual DAC with programmable
output ranges and a 2.5 V internal reference.
The AD3552R has the following two update modes:
►
Fast Mode: data written in this mode is 16 bits long, resulting in a
single-channel update rate of 33 MUPS. The DNL specification is
valid for the reduced temperature range defined in Table 2. The
data for this mode is written in the registers ending in _16B.
►
Precision Mode: data written in this mode is 24 bits long, result-
ing in a single-channel update rate of 22 MUPS. The DNL
specification is guaranteed over the full operating temperature
range. The data for this mode is written in the registers ending in
_24B.
The AD3552R offers a versatile SPI interface capable of operating
in classic, dual, and quad SPI modes with single or double data
rate. The AD3552R features multiple error checkers, both in the
analog and digital domains to guarantee a safe operation.
DAC ARCHITECTURE
The AD3552R uses a current steering DAC architecture with a VREF
voltage of 2.5 V. The DAC current is converted to voltage by means
of an external TIA.
Figure 67 shows the internal block diagram.
Figure 67. DAC Channel Architecture Block Diagram
The TIA feedback loop is closed by hardwiring the VOUT pin to any
of the available RFBx_y pins. The RFBx_y value sets the maximum
voltage span that can be achieved. These voltage spans can be
decreased using the gain scaling registers and repositioned within
the supply rails of the TIA using the offset registers.
PREDEFINED OUTPUT VOLTAGE SPANS
The AD3552R comes with five predefined voltage spans that are
selected using the CH0_CH1_OUTPUT_RANGE register. The se-
lected span must be in accordance with the feedback resistor
being used, as shown in Table 8. The CHx_GAIN_SCALING_P,
CHx_GAIN_SCALING_N, and CHx_OFFSET parameters do not
have to be set because their preset values are provided only as
starting points for the user to create custom range values. Setting a
voltage span that is not achievable with the current RFBx_y resistor
results in an incorrect voltage value.
There is approximately a 3% overrange equally split on each end
of the span to ensure that the nominal range is covered in any
condition.
If the predefined voltage spans do not fit the intended application,
custom spans can be defined using the gain scaling and offset
registers as described in the Custom Output Voltage Span section.
Table 8. Predefined Output Span Ranges and Corresponding Feedback Resistor
RFBx_y
CH0_CH1_OUTPUT_RANGE
Output Span
CHx_GAIN_SCALING_P CHx_GAIN_SCALING_N CHx_OFFSET
RFB1_y
0x000
2.5 V
0
3
−24
0x001
5 V
0
0
0
RFB2_y
0x010
10 V
0
0
248
0x011
±5 V
0
0
−248
RFB4_y
0x100
±10 V
0
0
−123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com