Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 41 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD8065 Datasheet HTML 37Page - Analog Devices AD8065 Datasheet HTML 38Page - Analog Devices AD8065 Datasheet HTML 39Page - Analog Devices AD8065 Datasheet HTML 40Page - Analog Devices AD8065 Datasheet HTML 41Page - Analog Devices AD8065 Datasheet HTML 42Page - Analog Devices AD8065 Datasheet HTML 43Page - Analog Devices AD8065 Datasheet HTML 44Page - Analog Devices AD8065 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 41 of 68
Detailed Register Map
Table 17. Detailed Register Summary
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 INTERFACE_CON
FIG_A
[7:0]
SW_RESET
_MSB
RESERVED ADDR_DIRE
CTION
SDO_ACTIV
E
RESERVED
SW_RESET
_LSB
0x10
R/W
0x01 INTERFACE_CON
FIG_B
[7:0]
SINGLE_IN
STRUCTION
RESERVED
SHORT_INS
TRUCTION
RESERVED
0x08
R/W
0x02 DEVICE_CONFIG [7:0]
DEVICE_ST
ATUS_3
DEVICE_ST
ATUS_2
DEVICE_ST
ATUS_1
DEVICE_ST
ATUS_0
CUSTOM_MODES
OPERATING_MODES
0x00
R
0x03 CHIP_TYPE
[7:0]
RESERVED
CLASS
0x04
R
0x04 PRODUCT_ID_L
[7:0]
PRODUCT_ID[7:0]
0x08
R
0x05 PRODUCT_ID_H
[7:0]
PRODUCT_ID[15:8]
0x40
R
0x06 CHIP_GRADE
[7:0]
DEVICE_GRADE
DEVICE_REVISION
0x05
R
0x0A SCRATCH_PAD
[7:0]
VALUE
0x00
R/W
0x0B SPI_REVISION
[7:0]
VERSION
0x83
R
0x0C VENDOR_L
[7:0]
VID[7:0]
0x56
R
0x0D VENDOR_H
[7:0]
VID[15:8]
0x04
R
0x0E STREAM_MODE
[7:0]
LENGTH
0x00
R/W
0x0F TRANSFER_REGI
STER
[7:0]
MULTI_IO_MODE
RESERVED
STREAM_L
ENGTH_KE
EP_VALUE
RESERVED
0x00
R/W
0x10 INTERFACE_CON
FIG_C
[7:0]
CRC_ENABLE
STRICT_RE
GISTER_AC
CESS
RESERVED
CRC_ENABLE_B
0x23
R/W
0x11 INTERFACE_STA
TUS_A
[7:0]
INTERFACE
_NOT_REA
DY
RESERVED
CLOCK_CO
UNTING_ER
ROR
RESERVED
INVALID_O
R_NO_CRC
WRITE_TO_
READ_ONL
Y_REGISTE
R
PARTIAL_R
EGISTER_A
CCESS
REGISTER_
ADDRESS_I
NVALID
0x00
R/W
0x14 INTERFACE_CON
FIG_D
[7:0]
RESERVED ALERT_ENA
BLE_PULLU
P
RESERVED MEM_CRC_
EN
SDIO_DRIVE_STRENGTH DUAL_SPI_
SYNCHRON
OUS_EN
SPI_CONFI
G_DDR
0x04
R/W
0x15 REFERENCE_CO
NFIG
[7:0]
RESERVED IDUMP_FAS
TMODE
RESERVED
REFERENCE_VOLTAGE_S
EL
0x00
R/W
0x16 ERR_ALARM_MA
SK
[7:0]
RESERVED REF_RANG
E_ALARM_
MASK
CLOCK_CO
UNT_ERR_
ALARM_MA
SK
MEM_CRC_
ERR_ALAR
M_MASK
SPI_CRC_E
RR_ALARM
_MASK
WRITE_TO_
READ_ONL
Y_ALARM_
MASK
PARTIAL_R
EGISTER_A
CCESS_AL
ARM_MASK
REGISTER_
ADDRESS_I
NVALID_AL
ARM_MASK
0x00
R/W
0x17 ERR_STATUS
[7:0]
RESERVED REF_RANG
E_ERR_STA
TUS
DUAL_SPI_
STREAM_E
XCEEDS_D
AC_ERR_S
TATUS
MEM_CRC_
ERR_STATU
S
RESERVED
RESET_STA
TUS
0x01
R/W
0x18 POWERDOWN_C
ONFIG
[7:0]
RESERVED
CH1_DAC_
POWERDO
WN
CH0_DAC_
POWERDO
WN
RESERVED
0x00
R/W
0x19 CH0_CH1_OUTP
UT_RANGE
[7:0]
CH1_OUTPUT_RANGE_SEL
CH0_OUTPUT_RANGE_SEL
0x00
R/W
0x1B CH0_OFFSET
[7:0]
CH0_OFFSET
0x00
R/W
0x1C CH0_GAIN
[7:0]
CH0_RANG
E_OVERRID
E
CH0_GAIN_SCALING_N
CH0_GAIN_SCALING_P
CH0_OFFS
ET_POLARI
TY
RESERVED
0x00
R/W
0x1D CH1_OFFSET
[7:0]
CH1_OFFSET
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com