Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 33 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 33 Page - NEC

Back Button 78K Datasheet HTML 29Page - NEC 78K Datasheet HTML 30Page - NEC 78K Datasheet HTML 31Page - NEC 78K Datasheet HTML 32Page - NEC 78K Datasheet HTML 33Page - NEC 78K Datasheet HTML 34Page - NEC 78K Datasheet HTML 35Page - NEC 78K Datasheet HTML 36Page - NEC 78K Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 523 page
background image
User’s Manual U15556EJ1V0UM
33
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
This chapter explains the constituent elements of a C source module file.
A C source module file consists of the following tokens (distinguishable units in a sequence of characters).
Keywords
Identifiers
Constants
String literal
Operators
Delimiters
Header name
No. of preprocesses
Comment
The tokens used in a C program description example are shown below.
#include “expand. h”
extern void testb (void);
extern ...........................................................
Keyword
extern void chgb (void);
extern bit data1;
extern bit data2;
data1, data2 .................................................
Identifiers
void main ( )
void...............................................................
Keyword
{
data1 = 1 ;
1 ...................................................................
Constant
data2 = 0 ;
0 ...................................................................
Constant
while(data1) {
while .............................................................
Keyword
data1 = data2
;
{ } .................................................................
Delimiter
testb( ) ;
= ...................................................................
Operator
}
if (data1 && data2) {
if....................................................................
Keyword
chgb ( ) ;
&&.................................................................
Operator
}
( ) .................................................................
Operator
}
void lprintf (char *s, int I)
lprintf.............................................................
Identifier
{
char, int.........................................................
Keywords
int j;
s, i.................................................................
Identifiers
char *ss;
* ....................................................................
Operator
j = i;
ss = s;
}
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com