Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 38 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 38 Page - NEC

Back Button 78K Datasheet HTML 34Page - NEC 78K Datasheet HTML 35Page - NEC 78K Datasheet HTML 36Page - NEC 78K Datasheet HTML 37Page - NEC 78K Datasheet HTML 38Page - NEC 78K Datasheet HTML 39Page - NEC 78K Datasheet HTML 40Page - NEC 78K Datasheet HTML 41Page - NEC 78K Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 523 page
background image
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
User’s Manual U15556EJ1V0UM
38
extern _ _ boolean data1, data2;
data1, data2.......................................................... File scope
void testb(int x);
x ...................................................... Function prtotype scope
void main(void)
{
int cot ;
cot ...................................................................... Block scope
data1 = 1 ;
data2 = 0 ;
while(data1) {
data1 = data2;
j1 :
j1 ................................................................... Function scope
testb (cot) ;
}
}
void testb(int x)
x ......................................................................... Block scope
{
.
.
.
(1) Function scope
Function scope refers to the entirety within a function. An identifier with function scope can be referenced from
anywhere within a specified function.
Identifiers that have function scope are label names only.
(2) File scope
File scope refers to the entirety of a translation (compiling) unit. Identifiers that are declared outside a block or
parameter list all have file scope. An identifier that has file scope can be referenced from anywhere within the
program.
(3) Block scope
Block scope refers to the range of a block (a sequence of declarations and statements enclosed by a pair of
curly braces { } which begins with the opening brace and ends with the closing brace).
Identifiers that are declared inside a block or parameter list all have block scope. An identifier that has block
scope is effective until the innermost brace pair including the declaration of the identifier is closed.
(4) Function prototype scope
Function prototype scope refers to the range of a declared function from beginning to end. Identifiers that are
declared inside a parameter list within a function prototype all have function prototype scope. An identifier that
has function prototype scope is effective within a specified function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com