Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 49 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 49 Page - NEC

Back Button 78K Datasheet HTML 45Page - NEC 78K Datasheet HTML 46Page - NEC 78K Datasheet HTML 47Page - NEC 78K Datasheet HTML 48Page - NEC 78K Datasheet HTML 49Page - NEC 78K Datasheet HTML 50Page - NEC 78K Datasheet HTML 51Page - NEC 78K Datasheet HTML 52Page - NEC 78K Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 523 page
background image
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
User’s Manual U15556EJ1V0UM
49
2.5 String Literals
A string literal is a string of zero or more characters enclosed in a pair of double quotes as in “xxx”. (Example:
“xyz”)
A single quote (’) is represented by the single quotation mark itself or by the escape sequence \’, whereas a
double quote (”) is represented by the escape sequence \”.
Array elements have a char type string literal and are initialized by assigned tokens (example: char array [ ] =
“abc”;).
2.6 Operators
The operators are shown below.
[ ]
( )
.
->
++
- -
&
*
+–~!
sizeof
/%<<
>>
<><=
>=
==
!=
^|&&
||
?:
=
*=/=%=
+=-=<<=
>>=
&=
^=
|=
,###
The [ ], ( ), and ?: operators must always be used in pairs.
An expression may be described in brackets “[ ]”, in parentheses “( )”, or between “?” and “:”.
The # and ## operators are used only for defining macros in preprocessings.
(For the description, refer to
CHAPTER 5 OPERATORS AND EXPRESSIONS.)
2.7 Delimiters
A delimiter is a symbol that has an independent syntax or meaning. However, it never generates a value.
The following delimiters are available for use in C.
[ ]
( )
{ }
*
,
:
=
;
...
#
An expression declaration or statement may be described in brackets “[ ]”, parentheses “( )”, or braces “{ }”,
These delimiters must always be used in pairs as shown above. The delimiter # is used only for preprocessings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com