Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 76 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 76 Page - NEC

Back Button 78K Datasheet HTML 72Page - NEC 78K Datasheet HTML 73Page - NEC 78K Datasheet HTML 74Page - NEC 78K Datasheet HTML 75Page - NEC 78K Datasheet HTML 76Page - NEC 78K Datasheet HTML 77Page - NEC 78K Datasheet HTML 78Page - NEC 78K Datasheet HTML 79Page - NEC 78K Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
76
(3) Structure and union member
Postfix Operators
. ->
<1> . (dot) operator
FUNCTION
The . (dot) operator (also called a member operator) specifies the individual members of a structure or union.
The postfix expression is the name of the structure or union object to be specified, and the identifier is the name
of the member.
SYNTAX
postfix-expression . identifier
<2>
→ (arrow) operator
FUNCTION
The
→ (arrow) operator (also called an indirect membership operator) specifies the individual members of a
structure or union. The postfix expression is the name of the pointer to the structure or union object to be
specified, and the identifier is the name of the member.
SYNTAX
postfix-expression
→ identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com