Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 85 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 85 Page - NEC

Back Button 78K Datasheet HTML 81Page - NEC 78K Datasheet HTML 82Page - NEC 78K Datasheet HTML 83Page - NEC 78K Datasheet HTML 84Page - NEC 78K Datasheet HTML 85Page - NEC 78K Datasheet HTML 86Page - NEC 78K Datasheet HTML 87Page - NEC 78K Datasheet HTML 88Page - NEC 78K Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
85
5.5 Arithmetic Operators
Arithmetic operators are divided into multiplicative operators and additive operators. Multiplicative operators find
the product, quotient, and remainder of two operands.
Additive operators find the sum and difference of two
operands.
•
Multiplicative operators
*
/
%
•
Additive operators
+
–
Table 5-2. Signs of Division/Remainder Division Operation Result
a/b
b
a % b
b
+–
+
–
++
–
+
+
+
a
––
+
a
––
–
Remark
a and b indicate operands.
Division is performed with two integers whose sign, if any, is removed through the usual arithmetic conversion and
the result will be truncated towards 0 if necessary. Likewise, a remainder or modulo division operation is performed
with two integers whose sign, if any, is removed through the usual arithmetic conversion.
Table 5-2 shows the
results of calculations only on the signs of two operands in division and remainder division, respectively.
Multiplicative operators and additive operators are described below. E1 and E2 used in the explanation of syntax
indicate operands or expressions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com