Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 80 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 80 Page - NEC

Back Button 78K Datasheet HTML 76Page - NEC 78K Datasheet HTML 77Page - NEC 78K Datasheet HTML 78Page - NEC 78K Datasheet HTML 79Page - NEC 78K Datasheet HTML 80Page - NEC 78K Datasheet HTML 81Page - NEC 78K Datasheet HTML 82Page - NEC 78K Datasheet HTML 83Page - NEC 78K Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
80
(1) Prefix Increment and Decrement operators
Unary Operators
++ – –
<1> Prefix ++ (Increment) operator
FUNCTION
The prefix ++ (Increment) operator increments the value of an object by 1. The expression “++E” of the prefix
increment operator will produce the same result as the following expression.
E = E + 1
or
E+ = 1
SYNTAX
+ +
unary-expression
<2> Prefix – – (Decrement) operator
FUNCTION
The prefix – – (Decrement) operator decrements the value of an object by 1. The expression “– –E” of the prefix
decrement operator will produce the same result as the following expression.
E = E – 1
or
E – = 1
SYNTAX
– –
unary-expression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com