Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 43 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 43 Page - NEC

Back Button 78K Datasheet HTML 39Page - NEC 78K Datasheet HTML 40Page - NEC 78K Datasheet HTML 41Page - NEC 78K Datasheet HTML 42Page - NEC 78K Datasheet HTML 43Page - NEC 78K Datasheet HTML 44Page - NEC 78K Datasheet HTML 45Page - NEC 78K Datasheet HTML 46Page - NEC 78K Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 523 page
background image
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
User’s Manual U15556EJ1V0UM
43
(i)
Floating-point number (float type) specifications
•Format
The floating-point number format is shown below.
(Higher address)
s
e
m
(Lower address)
31 30
23 22
0
The numerical values in this format are as follows.
(Value of sign)
(Value of exponent)
(–1)
* (Value of mantissa) *2
s: Sign (1 bit)
0 for a positive number and 1 for a negative number.
e: Exponent (8 bits)
An exponent with a base of 2 is expressed as a 1-byte integer (expressed by two’s complement
in the case of a negative), and used after having a further bias of 7FH added.
These
relationships are shown in Table 2-4 below.
Table 2-4. Exponent Relationships
Exponent (Hexadecimal)
Value of Exponent
FE
127
•
•
•
•
•
•
81
2
80
1
7F
0
7E
–1
•
•
•
•
•
•
01
–126
m: Mantissa (23 bits)
The mantissa is expressed as an absolute value, with bit positions 22 to 0 equivalent to the 1st to
23rd places of a binary number. Except for when the value of the floating point is 0, the value of
the exponent is always adjusted so that the mantissa is within the range of 1 to 2 (normalization).
The result is that the position of 1 (i.e. the value of 1) is always 1, and is thus represented by
omission in this format.
• Zero expression
When exponent = 0 and mantissa = 0, ±0 is expressed as follows.
(Value of sign)
(–1)
* 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com