Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 37 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 37 Page - NEC

Back Button 78K Datasheet HTML 33Page - NEC 78K Datasheet HTML 34Page - NEC 78K Datasheet HTML 35Page - NEC 78K Datasheet HTML 36Page - NEC 78K Datasheet HTML 37Page - NEC 78K Datasheet HTML 38Page - NEC 78K Datasheet HTML 39Page - NEC 78K Datasheet HTML 40Page - NEC 78K Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 523 page
background image
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
User’s Manual U15556EJ1V0UM
37
2.3 Identifiers
An identifier is the name given to the following variables.
Function
Object
Tag of structure, union, or enumeration type
Member of structure, union, or enumeration type
typedef name
Label name
Macro name
Macro parameter
Each identifier can consist of uppercase letters, lowercase letters, or numeric characters including underscores.
The following characters can be used as identifiers.
There is no restriction on the maximum length of the identifier.
In this compiler, however, only the first 249
characters can be identified (refer to Table 1-1 Maximum Performance Characteristics of This C Compiler).
_
(underscore)
a b c d e f g h i j k l m
n o p q r s t u v w x y z
A B C D E F G H I J K L M
N O P Q R S T U V W X Y Z
0 1 2 3 4 5 6 7 8 9
All identifiers must begin with other than a numerical character (namely, a letter or an underscore) and must not
be the same as any keyword.
2.3.1 Scope of identifiers
The range of an identifier within which its use becomes effective is determined by the location at which the
identifier is declared. The scope of identifiers is divided into the following four types.
Function scope
File scope
Block scope
Function prototype scope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com