Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 88 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 88 Page - NEC

Back Button 78K Datasheet HTML 84Page - NEC 78K Datasheet HTML 85Page - NEC 78K Datasheet HTML 86Page - NEC 78K Datasheet HTML 87Page - NEC 78K Datasheet HTML 88Page - NEC 78K Datasheet HTML 89Page - NEC 78K Datasheet HTML 90Page - NEC 78K Datasheet HTML 91Page - NEC 78K Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
88
5.6 Bitwise Shift Operators
A shift operator shifts its first (left) operand to the direction (left or right) indicated by the operator by the number of
bits specified by its second operand. There are the following two shift operators.
•
shift operator << >>
Table 5-3. Shift Operations
a<<b
b
Note
a>>b
b
Note
+0
+0
–0
–
–1
Note
The table indicates when the right operand is greater than the number of bits in the left operand or
when an overflow occurs in the result of the shift operation.
If the right operand is negative, the value is processed as an unsigned positive number.
Remark
a and b indicate operands.
The shift operators are described below. E1 and E2 indicate operands or expressions.
a
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com