Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 98 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 98 Page - NEC

Back Button 78K Datasheet HTML 94Page - NEC 78K Datasheet HTML 95Page - NEC 78K Datasheet HTML 96Page - NEC 78K Datasheet HTML 97Page - NEC 78K Datasheet HTML 98Page - NEC 78K Datasheet HTML 99Page - NEC 78K Datasheet HTML 100Page - NEC 78K Datasheet HTML 101Page - NEC 78K Datasheet HTML 102Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
98
(1) Logical AND operators
Logical AND Operators
&&
FUNCTION
The && operator performs a logical AND operation on two operands and returns a “1” if both operands have
nonzero values. Otherwise, a “0” is returned. The type of the result is int.
Table 5-7. Logical AND Operation
Value of Left Operand
Zero
Nonzero
Zero
0
0
Nonzero
0
1
SYNTAX
E1 && E2
NOTE
This operator always evaluates its operands from left to right. If the value of the left operand is “0”, the right
operand is not evaluated.
Value of
right operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com