Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 102 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 102 Page - NEC

Back Button 78K Datasheet HTML 98Page - NEC 78K Datasheet HTML 99Page - NEC 78K Datasheet HTML 100Page - NEC 78K Datasheet HTML 101Page - NEC 78K Datasheet HTML 102Page - NEC 78K Datasheet HTML 103Page - NEC 78K Datasheet HTML 104Page - NEC 78K Datasheet HTML 105Page - NEC 78K Datasheet HTML 106Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
102
(1) Simple assignment operators
Simple Assignment Operators
=
FUNCTION
The = (simple assignment) operator converts the right operand (expression) to the type of the left operand (left-
side value) before the value is stored.
In the following example, the value of an int type to be returned from the function by the type conversion of the
simple assignment expression will be converted to a char type and an overflow in the result will be truncated.
The comparison of the value with “–1” will be made after the value is converted back to the int type. If the
variable “c” declared without a qualifier is not interpreted as unsigned char, the result of the variable will not
become negative and its comparison with “–1” will never result in equal. In such a case, the variable “c” must be
declared with an int type to ensure complete portability.
int f(void) ;
char c ;
/*...*/ ((c = f ()) == -1) /*...*/
SYNTAX
E1 = E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com