Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 104 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 104 Page - NEC

Back Button 78K Datasheet HTML 100Page - NEC 78K Datasheet HTML 101Page - NEC 78K Datasheet HTML 102Page - NEC 78K Datasheet HTML 103Page - NEC 78K Datasheet HTML 104Page - NEC 78K Datasheet HTML 105Page - NEC 78K Datasheet HTML 106Page - NEC 78K Datasheet HTML 107Page - NEC 78K Datasheet HTML 108Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
104
5.12 Comma Operator
(1) Comma operator
Comma Operator
,
FUNCTION
The comma operator evaluates the left operand as a void type (that is, ignores its value) and then evaluates the
right operand. The type and value of the result of the comma expression are the type and value of the right
operand.
In contents where a comma has another meaning (as in a list of function arguments or in a list of variable
initializations), comma expressions must be enclosed in parentheses.
In other words, the comma operator
described in this chapter will not appear in such a list.
In the following example, the comma operator finds the value of the second argument of the function “f ( )”. The
value of the second argument becomes 5.
int a, c, t;
void main(void)
f(a, (t=3, t+2), c);
}
SYNTAX
E1 , E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com