Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 107 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 107 Page - NEC

Back Button 78K Datasheet HTML 103Page - NEC 78K Datasheet HTML 104Page - NEC 78K Datasheet HTML 105Page - NEC 78K Datasheet HTML 106Page - NEC 78K Datasheet HTML 107Page - NEC 78K Datasheet HTML 108Page - NEC 78K Datasheet HTML 109Page - NEC 78K Datasheet HTML 110Page - NEC 78K Datasheet HTML 111Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 523 page
background image
CHAPTER 6 CONTROL STRUCTURES OF C LANGUAGE
User’s Manual U15556EJ1V0UM
107
A description example of these statements is shown below.
[Description example]
#define SIZE
10
#define TRUE
1
#define FALSE 0
extern void putchar(char) ;
extern void lprintf(char*, int) ;
char
mark [SIZE+1];
void main (void) {
int i, prime, k, count;
count = 0 ;
for (i = 0
;
i <= SIZE
;
i++)
............................ /* for .............. Iteration statement */
mark [i] = TRUE ;
for (i = 0
;
i <= SIZE
;
i++)
{....................... / * for ............. Iteration statement */
if
(mark [i])
{
............................................ / * if ............... Selection statement */
prime = i + i + 3;
lprintf (“%d”
, prime);
if ((count%8)
== 0)
putchar ('\n');
for (k = i + prime
;
k <= SIZE
;
k += prime)
/ * if ............... Selection statement * /
mark [k] = FALSE;
}
}
lprintf (“Total
%d\n”, count);
loop1;
............................................ / * loop1: ....... Labeled statement * /
goto loop1;
............................................ / * goto .......... Branch statement * /
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com