Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 72 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 72 Page - NEC

Back Button 78K Datasheet HTML 68Page - NEC 78K Datasheet HTML 69Page - NEC 78K Datasheet HTML 70Page - NEC 78K Datasheet HTML 71Page - NEC 78K Datasheet HTML 72Page - NEC 78K Datasheet HTML 73Page - NEC 78K Datasheet HTML 74Page - NEC 78K Datasheet HTML 75Page - NEC 78K Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
72
Table 5-1 shows the evaluation priority of operators used in C.
Table 5-1. Evaluation Precedence of Operators
Type of Expression
Operator
Linkage
Priority
Postfix
[ ] ( ) . – > ++ – –
→
Highest
Unary
++ – – & * + – ~ ! sizeof
←
Cast
(type)
←
Multiplicative
* / %
→
Additive
+ –
→
Bitwise shift
<< >>
→
Relational
< > <= >=
→
Equality
== !=
→
Bitwise AND
&
→
Bitwise XOR
^
→
Bitwise OR
|
→
Logical AND
&&
→
Logical OR
| |
→
Conditional
? :
←
Assignment
= *= /= %= += –=
<<= >>= &= ^= | =
←
Comma
,
→
Lowest
The arrow (
→ or ←) in the “Linkage” column denotes that when an expression
contains two or more operators of the same priority, the operations are carried out in
the direction of the arrow “
→” (from left to right) or “←” (from right to left).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com