Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 36 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 36 Page - NEC

Back Button 78K Datasheet HTML 32Page - NEC 78K Datasheet HTML 33Page - NEC 78K Datasheet HTML 34Page - NEC 78K Datasheet HTML 35Page - NEC 78K Datasheet HTML 36Page - NEC 78K Datasheet HTML 37Page - NEC 78K Datasheet HTML 38Page - NEC 78K Datasheet HTML 39Page - NEC 78K Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 523 page
background image
CHAPTER 2 CONSTRUCTS OF C LANGUAGE
User’s Manual U15556EJ1V0UM
36
2.2 Keywords
(1) ANSI keywords
The following tokens are used by the C compiler as keywords and thus cannot be used as labels or variable
names.
auto
break
case
char
const
continue
default
do
double
else
enum
extern
for
float
goto
if
int
long
register
return
short
signed
sizeof
static
struct
switch
typedef
union
unsigned
void
volatile
while
(2) Keywords added for the CC78K4
In this C compiler the following tokens have been added as keywords to implement its expanded functions. As
with ANSI keywords, hese tokens cannot be used as labels or variable names (when an uppercase character is
included, the token is not regarded as a keyword).
Keywords that do not start with “_ _” can be made invalid by specifying the option that enables only ANSI-C
language specification (–ZA).
_ _callt/callt
.................................
Declaration of callt function
_ _callf/callf
.................................
Declaration of callf function
_ _sreg/sreg
......................................
Declaration of sreg variable
_ _sreg1
..............................................
Declaration of sreg1 variable
noauto
...................................................
Declaration of noauto function
_ _leaf/norec
....................................
Declaration of norec function
bit
.........................................................
Declaration of bit type variable
_ _boolean/boolean
.........................
Declaration of boolean type variable
_ _boolean1
........................................
Declaration of boolean1 type variable
_ _interrupt
......................................
Hardware interrupt function
_ _interrupt_brk
.............................
Software interrupt function
_ _asm
...................................................
asm statement
_ _rtos_interrupt
...........................
Interrupt handler for RTOS
_ _pascal
............................................
Pascal function
_ _flash
..............................................
Firmware ROM function
_ _directmap
......................................
Absolute address allocation specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com