Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 83 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 83 Page - NEC

Back Button 78K Datasheet HTML 79Page - NEC 78K Datasheet HTML 80Page - NEC 78K Datasheet HTML 81Page - NEC 78K Datasheet HTML 82Page - NEC 78K Datasheet HTML 83Page - NEC 78K Datasheet HTML 84Page - NEC 78K Datasheet HTML 85Page - NEC 78K Datasheet HTML 86Page - NEC 78K Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 523 page
background image
CHAPTER 5 OPERATORS AND EXPRESSIONS
User’s Manual U15556EJ1V0UM
83
(4) sizeof operators
Unary Operators
sizeof Operator
FUNCTION
The sizeof operator returns the size of a specified object in bytes. The return value is governed by the data type
of the object and the value of the object itself is not evaluated.
The value to be returned by an unsigned char or signed char object (including its qualified type) on which a
sizeof operation is performed is 1. With an array type object, the return value will be the total number of bytes in
the array. With a structure or union type object, the result value will be the total number of bytes that the object
would occupy including bytes necessary to pad out to the next appropriate alignment boundary.
The type of the sizeof operation result is an integral type and its name is size_t. This name is defined in the
<stddef.h> header. The sizeof operator is used mainly to allocate memory areas and transfer data to/from the
I/O system.
SYNTAX
sizeof
unary-expression
or
sizeof
(type-name)
EXAMPLE
The following example finds the number of elements of an array by dividing the total number of bytes in the array
by the size of a single element. Num becomes 5.
int num;
char array[ ]= {0, 1, 2, 3, 4};
void func(void){
num = sizeof array / sizeof array [0] ;
}
NOTE
An expression that has a function type or incomplete type and a left-side value that refers to a bit field object
cannot be used as the operand of this operator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com