Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 51 Page - NEC

Part # 78K
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 51 Page - NEC

Back Button 78K Datasheet HTML 47Page - NEC 78K Datasheet HTML 48Page - NEC 78K Datasheet HTML 49Page - NEC 78K Datasheet HTML 50Page - NEC 78K Datasheet HTML 51Page - NEC 78K Datasheet HTML 52Page - NEC 78K Datasheet HTML 53Page - NEC 78K Datasheet HTML 54Page - NEC 78K Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 523 page
background image
User’s Manual U15556EJ1V0UM
51
CHAPTER 3 DECLARATION OF TYPES AND STORAGE CLASSES
This chapter explains how data (variables) or functions to be used in C should be declared as well as the scope
for each data or function. A declaration means the specification of an interpretation or attribute for an identifier or a
collection of identifiers. A declaration to reserve a storage area for an object or function named by an identifier is
referred to as a “definition”.
An example of a declaration is shown below.
#define
TRUE 1
#define
FALSE
0
#define
SIZE 200
void main(void)
{
auto int i, prime,
k;
/* declaration of automatic variables */
for ( i = 0 ; i <= SIZE ; i++)
mark [i] = TRUE ;
.
.
.
A declaration is configured with a storage class specifier, type specifier, initialize declarator, etc. The storage
class specifier and type specifier specify the linkage, storage duration, and the type of entity indicated by the
declarator. An initialize declarator list is a list of declarators delimited with a comma. Each declarator may have
additional type information or initializer or both.
If an identifier for an object is declared to have no linkage, the type of the object must be perfect (the object with
information related to the size) at the end of the declarator or initialize declarator (if it has an initializer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com