Electronic Components Datasheet Search
  English  ▼

X  

AD4697 Datasheet(PDF) 105 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices AD4697 Datasheet HTML 102Page - Analog Devices AD4697 Datasheet HTML 103Page - Analog Devices AD4697 Datasheet HTML 104Page - Analog Devices AD4697 Datasheet HTML 105Page - Analog Devices AD4697 Datasheet HTML 106Page - Analog Devices AD4697 Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 105 of 107
Upper Threshold Value Register
Address: 0x0040 to Address 0x004E (Increments of 0x0002), Reset: 0x07FF, Name: UPPER_INn
Table 55. Bit Descriptions for UPPER_INn
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
UPPER
INn Upper Threshold Value Setting. This field determines the upper threshold value for the corresponding INn analog
input (see the Threshold Detection and Alert Indicators section). The value in the UPPER field corresponds to the 12
MSBs of the ADC result.
0x7FF
R/W
Lower Threshold Value Register
Address: 0x0060 to Address 0x006E (Increments of 0x0002), Reset: 0x0000, Name: LOWER_INn
Table 56. Bit Descriptions for LOWER_INn
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
LOWER
INn Lower Threshold Value Setting. This field determines the lower threshold value for the corresponding INn analog
input (see the Threshold Detection and Alert Indicators section). The value in the LOWER field corresponds to the 12
MSBs in the ADC result.
0x0
R/W
Hysteresis Setting Register
Address: 0x0080 to Address 0x008E (Increments of 0x0002), Reset: 0x0010, Name: HYST_INn
Table 57. Bit Descriptions for HYST_INn
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
HYSTERESIS
INn Hysteresis Value Setting. This field determines the hysteresis value for the corresponding INn analog input (see
the Threshold Detection and Alert Indicators section). The value in the HYSTERESIS field corresponds to the 12
MSBs in the ADC result.
0x10
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com