Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
34
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
DAC CONTROL 5
13h
5
DZCEN
0
DAC Digital Volume Zero Cross
Enable
0 = Zero Cross detect disabled
1 = Zero Cross detect enabled
Table 24 Digital Zero Cross Register
MUTE MODES
The WM8581 has individual mutes for each of the four DAC channels. Setting DMUTE for a channel
will apply a ‘soft-mute’ to the input of the digital filters for that channel. DMUTE[0] mutes DAC1
channel, DMUTE[1] mutes DAC2 channel, DMUTE[2] mutes DAC3 channel and DMUTE[3] mutes
DAC4 channel. Setting the MUTEALL register bit will apply a 'soft-mute’ to the input of all the DAC
digital filters.
The MUTE pin can also be used to apply soft-mute to the DAC selected by the DZFM register bits.
However, if the MPDENB register bit is set, the MUTE pin will activate a soft-mute for all DACs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
DMUTE[3:0]
0000
DAC channel soft mute
enables:
DMUTE[0] = 1, enable soft-
mute on DAC1.
DMUTE[1] = 1, enable soft-
mute on DAC2.
DMUTE[2] = 1, enable soft-
mute on DAC3.
DMUTE[3] = 1, enable soft-
mute on DAC4.
4
MUTEALL
0
DAC channel master soft mute.
Mutes all DAC channels:
0 = disable soft-mute on all
DACs.
1 = enable soft-mute on all
DACs.
R19
DAC CONTROL 5
13h
7
MPDENB
0
MUTE pin decode enable:
0 = MUTE activates soft-mute
on DAC selected by DZFM
1 = MUTE activates softmute
on all DACs
Table 25 Mute Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com