Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
76
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:3
PAIFRX_BCLKSEL
[1:0]
00
Master Mode BCLK Rate
00 = 64 BCLKs/LRCLK
01 = 128 BCLKs/LRCLK
10 = 256 BCLKs/LRCLK
11 = BCLK = System Clock
5
PAIFRXMS
0
PAIF Receiver Master/Slave Mode Select
0 = Slave Mode
1 = Master Mode
7:6
PAIFRXMS_
CLKSEL
00
PAIF Receiver Master Mode clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
2:0
PAIFTX_RATE
[2:0]
010
Master Mode LRCLK Rate
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
4:3
PAIFTX_BCLKSEL
[1:0]
00
Master Mode BCLKRate
00 = 64 BCLKs/LRCLK
01 = 128 BCLKs/LRCLK
10 = 256 BCLKs/LRCLK
11 = BCLK = System Clock
R10
PAIF 2
0Ah
5
PAIFTXMS
0
PAIF Transmitter Master/Slave Mode Select:
0 = Slave Mode
1 = Master Mode
2:0
SAIF_RATE
[2:0]
010
Master Mode LRCLK Rate
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
4:3
SAIF_BCLKSEL
[1:0]
00
Master Mode BCLK Rate
00 = 64 BCLKs/LRCLK
01 = 128 BCLKs/LRCLK
10 = 256 BCLKs/LRCLK
11 = BCLK = System Clock
5
SAIFMS
0
SAIF Master/Slave Mode Select
0 = Slave Mode
1 = Master Mode
R11
SAIF1
0Bh
7:6
SAIFMS_
CLKSEL
[1:0]
11
SAIF Master Mode clock source
00 = ADCMCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com