Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
63
HARDWARE INTERRUPT GENERATION (INTB)
The hardware interrupt INTB flag (active low) indicates that an event has occurred on UNLOCK,
INVALID, TRANS_ERR, NON_AUDIO, CPY_N, DEEMPH, CSUD or REC_FREQ. To determine
which flag caused the interrupt, the Interrupt Status Register should be read when INTB is asserted.
INVALID, TRANS_ERR and CSUD generate an interrupt when the flag transitions from low to high.
UNLOCK, NON_AUDIO, CPY_N, DEEMPH and REC_FREQ will generate an interrupt on any
change in status. INTB will remain asserted until it is cleared by reading the interrupt status register.
If INVALID, TRANS_ERR or CSUD are still active when the interrupt status register is read, INTB
remains asserted.
Table 60 Interrupt Status Register
Where the INTB has been asserted by an update signal (UPD_UNLOCK, UPD_NON_AUDIO,
UPD_CPY_N, UPD_DEEMPH, UPD_REC_FREQ) the S/PDIF Status Register can be read to reveal
the status of the flag. See Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
UPD_UNLOCK
-
UNLOCK flag update signal
0 = INTB not caused by update to UNLOCK flag
1 = INTB caused by update to UNLOCK flag
1
INT_INVALID
-
INVALID flag interrupt signal
0 = INTB not caused by INVALID flag
1 = INTB caused by INVALID flag
2
INT_CSUD
-
CSUD flag interrupt signal
0 = INTB not caused by CSUD flag
1 = INTB caused by CSUD flag
3
INT_TRANS
_ERR
-
TRANS_ERR flag interrupt signal
0 = INTB not caused by TRANS_ERR flag
1 = INTB caused by TRANS_ERR flag
4
UPD_NON_AUDIO
-
NON_AUDIO update signal
0 = INTB not caused by update to NON_AUDIO flag
1 = INTB caused by update to NON_AUDIO flag
5
UPD_CPY_N
-
CPY_N update signal
0 = INTB not caused by update to CPY_N flag
1 = INTB caused by update to CPY_N flag
6
UPD_DEEMPH
-
DEEMPH update signal
0 = INTB not caused by update to DEEMPH flag
1 = INTB caused by update to DEEMPH flag
R43
INTSTAT
2Bh
(read-only)
7
UPD_REC_FREQ
-
REC_FREQ update signal
0 = INTB not caused by update to REC_FREQ flag
1 = INTB caused by update to REC_FREQ flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com