Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
PLLB_K[21:18]
1101
R6
PLLB 3
06h
7:4
PLLB_N[3:0]
0111
Integer (N) divisor part of PLLB input/output frequency ratio. Use
values greater than 5, less than 13.
0
PRESCALE_B
0
0 = no pre-scale
1 = divide MCLK by 2 prior to PLLB
1
POSTSCALE_B
0
0 = no post scale
1= divide MCLK by 2 after PLLB
2
FRACEN_B
1
0 = Integer N PLLB
1 = Fractional K PLLB
4:3
FREQMODE_B
[1:0]
10
Range Selector for PLLBCLK
(not valid when TXSRC=00)
00 = 192KHz
01 = 88.2KHz to 96KHz
10 = 44.1KHz to 48KHz
11 = 32KHz
6:5
MCLKOUTSRC
00
MCLK pin output source
00 = MCLK pin configured as an input. The system should be
powered down before changing from this register setting.
01 = PLLACLK
10 = PLLBCLK
11 = OSCCLK
R7
PLLB 4
07h
8:7
CLKOUTSRC
11
CLKOUT pin source
00 = no output (tristate)
01 = PLLACLK
10 = PLLBCLK
11 = OSCCLK
1:0
DAC_CLKSEL
00
DAC clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
3:2
ADC_CLKSEL
00
ADC clock source
00 = ADCMLCK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R8
CLKSEL
08h
5:4
TX_CLKSEL
01
S/PDIF Transmitter clock source
00 = ADCMLCK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R9
PAIF 1
09h
2:0
PAIFRX_RATE
[2:0]
010
Master Mode LRCLK Rate
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com