Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
56
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
CON/PRO
0
0
0 = Consumer Mode
1 = Professional Mode (not supported by
WM8581)
1
AUDIO_N
1
0
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio
PCM.
2
CPY_N
2
0
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright
assertion.
5:3
DEEMPH[2:0]
5:3
000
000 = Data from Audio interface has no pre-
emphasis.
001 = Data from Audio interface has pre-
emphasis.
010 = Reserved (Audio interface has pre-
emphasis).
011 = Reserved (Audio interface has pre-
emphasis).
All other modes are reserved and should not
be used.
R31
SPDTXCHAN 1
1Fh
7:6
CHSTMODE
[1:0]
7:6
00
00 = Only valid mode for consumer
applications.
Table 48 S/PDIF Transmitter Channel Bit Control 1
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R32
SPDTXCHAN 2
20h
7:0
CATCODE
[7:0]
15:8
00000000
Category Code. Refer to S/PDIF
specification IEC60958-3 for details.
00h indicates “general” mode.
Table 49 S/PDIF Transmitter Channel Bit Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com