Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
40
CLOCK SELECTION
To accompany the flexible digital routing options, the WM8581 offers a clock configuration scheme
for each interface. The user can choose the interface clock from MCLK, ADCMCLK, PLLACLK or
PLLBCLK. For some interfaces, the rate can be controlled either by external LRCLK (slave mode),
internal LRCLK (master mode) or by control register. The available options are described below.
DAC INTERFACE
The DAC_CLKSEL register selects the DAC clock source from MCLK, PLLACLK or PLLBCLK. If the
digital routing has been set such that the DAC1 is sourcing the S/PDIF Receiver, then PLLACLK is
automatically selected, and DACs 2/3/4 are powered down. The rate that the DACs operate at is
determined by the DAC Rate module. It calculates the rate based on the digital routing setup. When
sourcing from the PAIF Receiver, PAIFRX_LRCLK (internal or external) is used in the rate
calculation. . When sourcing from the SAIF Receiver, SAIF_LRCLK (internal or external) is used in
the rate calculation. The SFRM_CLK is used in the rate calculation when the DAC1 sources from the
S/PDIF Receiver, however this can be changed by setting the RX2DAC_MODE register bit. With
RX2DAC_MODE set, the PAIFRX_LRCLK determines the rate, and DACs 2/3/4 source the PAIF
Receiver (and are no longer automatically powered down).
Figure 25 DAC Clock Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
1:0
DAC_CLKSEL
00
DAC clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R15
8
RX2DAC_MODE
0
DAC Rate and Power down control
(only valid when DAC_SRC = 00)
0 = SFRM_CLK determines rate,
DACs 2/3/4 powered down
1 = PAIFRX_LRCLK determines
rate, DACs 2/3/4 source PAIFRX
Table 32 DAC Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com