Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
67
2
PLLBPD
1
0 = PLLB enabled
1 = PLLB disabled
3
SPDIFPD
1
S/PDIF Clock Recovery
PowerDown
0 = S/PDIF enabled
1 = S/PDIF disabled
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
5
SPDIFRXD
1
S/PDIF Receiver powerdown
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled
Table 66 Powerdown Registers
INTERNAL POWER ON RESET CIRCUIT
Figure 33 Internal Power On Reset Circuit Schematic
The WM8581 includes an internal Power-On Reset Circuit, which is used to reset the digital logic into a
default state after power up.
Figure 33 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD. The circuit
monitors DVDD and VMID and asserts PORB low if DVDD or VMID are below the minimum threshold
Vpor_off.
On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until AVDD,
DVDD and VMID voltages have risen above their reset thresholds. When these three conditions have been
met, PORB is released high. When PORB is released high, all registers are in their default state and writes
to the digital interface may take place.
On power down, PORB is asserted low whenever DVDD or VMID drop below the minimum threshold
Vpor_off.
If AVDD is removed at any time, the internal Power On Reset circuit is powered down and the PORB output
will follow the AVDD voltage.
In most applications, the time required for the device to release PORB high will be determined by the charge
time of the VMID node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com