Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
61
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
MAXWL
32
-
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000: Word Length Not Indicated
RXWL[2:0]
MAXWL==1
MAXWL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
RXWL[2:0]
35:33
-
All other combinations are reserved and may
give erroneous operation. Data will be
truncated internally when these bits are set.
R48
SPDRXCHAN 5
30h
(read-only)
7:4
ORGSAMP
[3:0]
39:36
-
Original Sampling Frequency. Refer to
S/PDIF specification IEC60958-3 for details.
0000 = original sampling frequency not
indicated
Table 58 S/PDIF Receiver Channel Status Register 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com