Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
70
HARDWARE CONTROL MODE
The WM8581 can be controlled in Hardware Control Mode or Software Control Mode. The method of
control is determined by the state of the HWMODE pin. If the HWMODE pin is low, Software Control
Mode is selected. If the HWMODE pin is high, Hardware Control Mode is selected.
In Hardware Control Mode the user has limited control over the features of the WM8581. Most of the
features will assume their default settings but some can be modified using external pins.
HWMODE
SWMODE
0
1
0
1
Software Control
Hardware Control
2-wire control
3-wire control
Table 68 Hardware/Software Mode Setup
DIGITAL ROUTING CONTROL
See page 22 for a more detailed explanation of the Digital Routing Options within the WM8581. In
Software Control Mode, the values of register bits DAC_SRC, PAIFTX_SRC and TXSRC configure
the signal path routing between interfaces. In hardware mode, similar control can be achieved via
pins DR1, DR2, DR3 and DR4 as detailed in Table 69 and Table 70.
PIN
0
1
DR1
DAC_SRC=S/PDIF receiver
DAC_SRC=PAIF receiver
DR2
PAIFTX_SRC=S/PDIF
receiver
PAIFTX_SRC=ADC output
Table 69 DR1 / DR2 Operation
DR4
DR3
S/PDIF TRANSMITTER
DATA SOURCE
0
0
S/PDIF received data
0
1
ADC digital output data
1
0
SAIF receiver data
1
1
PAIF receiver data
Table 70 DR3 / DR4 Operation
The Secondary Audio Interface (SAIF) is not operational in Hardware Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com