Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
66
R41
GPO4
29h
3:0
GPO7OP[3:0]
0110
1001 = REC_FREQ192
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (CMOS-compatible
input). Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for
AC coupled consumer S/PDIF signals). Only applicable
for GPO3/4/5
Table 65 GPO Control Registers
POWERDOWN MODES
The WM8581 has powerdown control bits allowing specific parts of the chip to be turned off when not in use.
The ADC is powered down by setting the ADCPD register bit. The three stereo DACs each have a separate
powerdown control bit, DACPD[2:0], allowing individual stereo DACs to be powered down when not in use.
DACPD can be overwritten by setting ALLDACPD to powerdown all DACs
The S/PDIF transmitter is powered down by setting SPDIFTXD. Setting SPDIFRXD powers down the S/PDIF
receiver.
The PLL, Oscillator and S/PDIF clock recovery circuits are powered down by setting PLLPD, OSCPD and
SPDIFPD respectively.
Setting all of ADCPD, DACPD[2:0], SPDIFTXD, SPDIFRXD and OUTPD[3:0] will powerdown everything
except the references VMIDADC, ADCREF and VMIDDAC. These may be powered down by setting PWDN.
Setting PWDN will override all other powerdown control bits. It is recommended that the ADC and DAC are
powered down before setting PWDN. The default is for all powerdown bits to be set except OSCPD and
PWDN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PWDN
0
Master powerdown (overrides all
powerdown registers)
0 = All digital circuits running,
outputs are active
1 = All digital circuits in power
down mode, outputs muted
1
ADCPD
1
ADC powerdown
0 = ADC enabled
1 = ADC disabled
4:2
DACPD[2:0]
111
DAC powerdowns
0 = DAC enabled
1 = DAC disabled
DACPD[0] = DAC1
DACPD[1] = DAC2
DACPD[2] = DAC3
R50
PWRDN 1
32h
6
ALLDACPD
1
Overrides DACPD[3:0]
0 = DACs under control of
DACPD[3:0]
1= All DACs are disabled.
0
OSCPD
0
OSC output powerdown
0 = OSC output enabled
1 = OSC output disabled
A CMOS input can be applied to
the OSC input when powered
down.
R51
PWRDN 2
33h
1
PLLAPD
1
0 = PLLA enabled
1 = PLLA disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com