Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
60
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R45
SPDRXCHAN 2
2Dh
(read-only)
7:0
CATCODE
[7:0]
15:8
-
Category Code. Refer to S/PDIF
specification IEC60958-3 for details.
00h indicates “general” mode.
Table 55 S/PDIF Receiver Channel Status Register 2
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
3:0
SRCNUM
[3:0]
19:16
-
Indicates number of S/PDIF source. Refer to
S/PDIF specification IEC60958-3 for details.
R46
SPDRXCHAN 3
2Eh
(read-only)
7:4
CHNUM1[3:0]
23:20
-
Channel number for channel 1.
0000 = Take no account of channel number
(channel 1 defaults to left DAC)
0001 = channel 1 to left channel
0010 = channel 1 to right channel
Table 56 S/PDIF Receiver Channel Status Register 3
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
3:0
FREQ[3:0]
27:24
-
Sampling Frequency. Refer to S/PDIF
specification IEC60958-3 for details.
0001 = Sampling Frequency not indicated.
R47
SPDRXCHAN 4
2Fh
(read-only)
5:4
CLKACU[1:0]
29:28
-
Clock Accuracy of received clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to
sampling frequency.
Table 57 S/PDIF Receiver Channel Status Register 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com