Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
48
Refer to Table 39 and Table 41 for details of the registers available for configuration in this mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
PLLA 1/
DEVID1
00h
8:0
PLLA_K[8:0]
100100001
R1
PLLA 2/
DEVID2
01h
7:0
PLLA_K[17:9]
101111101
3:0
PLLA_K[21:18]
1101
Fractional (K) part of PLLA
frequency ratio (R).
Value K is one 22-digit binary
number spread over registers R0,
R1 and R2 as shown.
R2
PLLA 3/
DEVREV
02h
7:4
PLLA_N[3:0]
0111
Integer (N) part of PLLA frequency
ratio (R).
Use values in the range 5
PLLA_N
13 as close as possible to 8
R4
PLLB 1
04h
8:0
PLLB_K[8:0]
100100001
R5
PLLB 2
05h
8:0
PLLB_K[17:9]
101111110
3:0
PLLB_K[21:18]
1101
Fractional (K) part of PLLB
frequency ratio (R).
Value K is one 22-digit binary
number spread over registers R4,
R5 and R6 as shown.
Note: PLLB_K must be set to
specific values when the S/PDIF
receiver is used. Refer to S/PDIF
Receive Mode Clocking section
for details.
R6
PLLB 3
06h
7:4
PLL_N[3:0]
0111
Integer (N) part of PLLB frequency
ratio (R).
Use values in the range 5
PLLB_N
13 as close as possible to 8
Note: PLLB_N must be set to
specific values when the S/PDIF
receiver is used. Refer to S/PDIF
Receive Mode Clocking section
for details.
Table 39 User Mode PLL_K and PLL_N Multiplier Control
Parameter
PLL User Mode
PLL S/PDIF Receiver Mode
PRESCALE_A
Manual
Write PRESCALE_B Value
PRESCALE_B
Manual
Configure Specified PLLB Frequency
PLLA_N
Manual
Automatically Controlled
PLLA_K
Manual
Automatically Controlled
PLLB_N
Manual
Configure Specified PLLB Frequency
PLLB_K
Manual
Configure Specified PLLB Frequency
FREQMODE_A
Manual
Automatically Controlled
FREQMODE_B
Manual
Not Used
POSTSCALE_A
Manual
256fs/128fs PLLACLK Select
POSTSCALE_B
Manual
Not Used
Table 40 PLL Control Register Function in PLL User and PLL S/PDIF Receiver Modes
PLL CONFIGURATION
The PLLs perform a configurable frequency multiplication of the input clock signal (f1). The multiplication
factor of the PLL (denoted by ‘R’) is variable and is defined by the relationship: R = (f2 ÷ f1).
The multiplication factor for each PLL is set using register bits PLLx_N and PLLx_K (refer to Table 39). The
multiplication effect of both the N and K multipliers are additive (i.e. if N is configured to provide a
multiplication factor of 8 and K is configured to provide a multiplication factor of 0.192, the overall
multiplication factor is 8 + 0.192 = 8.192).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com