Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUDIO_N
-
Recovered Channel Status bit-1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
1
PCM_N
-
Indicates that non-audio code (defined in IEC-61937)
has been detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio
PCM.
2
CPY_N
-
Recovered Channel Status bit-2 (active low).
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
-
Recovered Channel Status bit-3
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis
5:4
REC_FREQ
[1:0]
--
Indicates recovered S/PDIF clock frequency:
00 = 192kHz
01 = 96kHz / 88.2kHz
10 = 48kHz / 44.1kHz
11 = 32kHz
R49
SPDSTAT
31h
(read-only)
6
UNLOCK
-
Indicates that the S/PDIF Clock Recovery circuit is
unlocked or that the input S/PDIF signal is not present.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream or the
incoming S/PDIF stream is not present.
Table 61 S/PDIF Status Register
The interrupt and update signals used to generate INTB can be masked as necessary. The MASK
register bit prevents flags from asserting INTB and from updating the Interrupt Status Register (R43).
Masked flags update the S/PDIF Status Register (R49).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37
INTMASK
25h
8:0
MASK[8:0]
000000000
When a flag is masked, it does not update the Interrupt
Status Register or assert INTB.
0 = unmask, 1 = mask.
MASK[0] = mask control for UPD_UNLOCK
MASK[1] = mask control for INT_INVALID
MASK[2] = mask control for INT_CSUD
MASK[3] = mask control for INT_TRANS_ERR
MASK[4] = mask control for UPD_AUDIO_N
MASK[5] = mask control for UPD_PCM_N
MASK[6] = mask control for UPD_CPY_N
MASK[7] = mask control for UPD_DEEMPH
MASK[8] = mask control for UPD_REC_FREQ
Table 62 Interrupt Mask Control Register
ERROR HANDLING
Should a TRANS_ERR or INVALID flag be asserted, it is assumed the recovered S/PDIF sub-frame
is corrupted or invalid. If either flag is masked using the mask register, the WM8581 will overwrite the
recovered frame (i.e. both sub-frames) with either all-zeros or the last valid data sample; depending
on how FILLMODE has been set. If both flags are unmasked, data is not modified and the user must
handle corrupted data appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com