Electronic Components Datasheet Search
  English  ▼

X  

WM8581 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
57
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
3:0
SRCNUM
[3:0]
19:16
0000
Source Number. No definitions are attached
to data.
Channel Number for Subframe 1
CHNUM1
Channel Status Bits[23:20]
00
0000 = Do not use channel
number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
5:4
CHNUM1[1:0]
00
11
0000 = Do not use channel
number
Channel Number for Subframe 2
CHNUM2
Channel Status Bits[23:20]
00
0000 = Do not use channel
number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
R33
SPDTXCHAN 3
21h
7:6
CHNUM2[1:0]
23:20
00
11
0000 = Do not use channel
number
Table 50 S/PDIF Transmitter Channel Bit Control 3
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
3:0
FREQ[3:0]
27:24
0001
Sampling Frequency. See S/PDIF
specification IEC60958-3 for details.
0001 = Sampling Frequency not indicated.
R34
SPDTXCHAN 4
22h
5:4
CLKACU[1:0]
29:28
11
Clock Accuracy of Generated clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to
sampling frequency.
Table 51 S/PDIF Transmitter Channel Bit Control 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com