Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 12Page - NXP Semiconductors MR2001V Datasheet HTML 13Page - NXP Semiconductors MR2001V Datasheet HTML 14Page - NXP Semiconductors MR2001V Datasheet HTML 15Page - NXP Semiconductors MR2001V Datasheet HTML 16Page - NXP Semiconductors MR2001V Datasheet HTML 17Page - NXP Semiconductors MR2001V Datasheet HTML 18Page - NXP Semiconductors MR2001V Datasheet HTML 19Page - NXP Semiconductors MR2001V Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
NXP Semiconductors
16
MR2001V
Figure 7. Typical SPI timing chart
6.2
External address solder balls ADR0 and ADR1
To minimize the effort on hardware wiring of signals, the MR2001V uses a combination of hardware and software coded addressing of
each individual chip. Due to this procedure the hardware SEB (chip select) signal usage can be minimized.
If the software addressing is not longer sufficient (e.g. more than 4 RX chips) than a combination of SEB and software addressing is
recommended.
Depending on the chip up to two external solder balls (address bit) are available (ADR0, ADR1). A connection to VCC represents a logical
"1" and a connection to GND represents a logical "0", respectively. By default the logical "1" is already activated by a connection on the
Die. If the corresponding pin is not connected to GND (used ball, not soldered ball), then this represents a logical "1".
Figure 8. External connection of address pins ADR0 and ADR1 to define the identification key of the chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com