Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors MR2001V Datasheet HTML 10Page - NXP Semiconductors MR2001V Datasheet HTML 11Page - NXP Semiconductors MR2001V Datasheet HTML 12Page - NXP Semiconductors MR2001V Datasheet HTML 13Page - NXP Semiconductors MR2001V Datasheet HTML 14Page - NXP Semiconductors MR2001V Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
NXP Semiconductors
MR2001V
5
General IC function description and application
information
5.1
Introduction
NXP provides a total system solution with next-generation embedded radar-based products that include the Qorivva MPC577xK MCU
and 77 GHz packaged radar front-end chipset for both low- and high-end radar modules. This pairing delivers a complete embedded radar
system for automotive designs. Our total solution advances automotive safety by enabling vehicles to sense potential crash situations.
This radar solution provides long- and mid-range functionality, allowing automotive systems to monitor the environment around the vehicle
to help prevent crashes.
A typical radar module consists of a transmit solution (Tx), VCO and three-channel receiver IC (Rx), along with an MCU. The chips are
connected via the local oscillator signal, around 38 GHz. The individual control of each chip is implemented by a serial peripheral interface
(SPI) bus. The main controller and modulation master is a single MCU with integrated high-speed analog-to-digital converters (ADCs) and
appropriate signal processing capability, such as fast Fourier transforms (FFTs).
5.1.1
Features
•38 GHz to 38.5 GHz TX output
• Supply voltage 3.3 V, 4.5 V
±5.0%
• Supply current typ. 180 mA, 50 mA
• Power dissipation typ. 0.8 W
• KVCO 2.5 GHz/V
• Pushing typ. 250 MHz/V
• Static Pulling < 10 MHz
• Phase Noise typ. -95 dBc/Hz at 1.0 MHz
• LO Power min. 3.0 dBm
Power Control (4 steps)
5.2
Electrical characteristics
5.2.1
Voltage controlled oscillator VCO
Table 6. Interface levels
Temp = -40 °C to +125 °C, fOUT = 38 to 38.5 GHz, VCC4P0 = 4.5 V ±5.0%, and VCC3P3 = 3.3 V ±5.0%, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VCC
Supply Voltage (VCO not included)
• Nominal supply
±5% variation
3.135
3.3
3.465
V
ICC1
Supply Current (all channels on, VCO not included)
• All channels ON
–
170
210
mA
VCC_VCO
VCO Supply Voltage
4.275
4.5
4.725
V
ICC_VCO
VCO Supply Current
40
50
55
mA
PDIS
Power Consumption (all channels ON)
• all channels ON, max. power
–
0.79
0.987
W
Thermal parameters
RTH
Thermal Resistance
• Measured on RO3003/FR4 stack
–15
22
K/W
Control
SPI
SPI functionality
•10 MHz clock required
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com