Electronic Components Datasheet Search
  English  ▼

X  

MR2001V Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MR2001V
Description  38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001V Datasheet(HTML) 5 Page - NXP Semiconductors

  MR2001V Datasheet HTML 1Page - NXP Semiconductors MR2001V Datasheet HTML 2Page - NXP Semiconductors MR2001V Datasheet HTML 3Page - NXP Semiconductors MR2001V Datasheet HTML 4Page - NXP Semiconductors MR2001V Datasheet HTML 5Page - NXP Semiconductors MR2001V Datasheet HTML 6Page - NXP Semiconductors MR2001V Datasheet HTML 7Page - NXP Semiconductors MR2001V Datasheet HTML 8Page - NXP Semiconductors MR2001V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
NXP Semiconductors
MR2001V
3
Pin connections
3.1
Pinout diagram
The layout and arrangement of the signal pads are shown in Figure 3.
Figure 3. MR2001V pinout (ball) diagram
3.2
Pin definitions (ball)
A functional description of each pin for the MR2001V can be found in Table 2. Equivalent I/O schematics is found in Table 3
Table 2. MR2001V pin definitions
Ball location
Pin name
Pin function
Pin type
Level
Description
A1, B2, B3, B4, B10, C4, C8, C9,
D4, E3, E4, F5, F6, G9, H7, H9,
J2, J3, J9, K9, L3, L10
GND (4)
DC Ground
Power
0.0 V
A2
RSETB
Digital hard reset signal
Digital Input
0 to 3.3 V
A3
DIVp
Differential Frequency
Divider Output
Analog Output 0 to 3.3 V
A4
DIVn
Differential Frequency
Divider Output
Analog Output 0 to 3.3 V
A5, A7, B5, B7, C5, C7, D5, D6,
D7, D8, D9, D10, E7, F1, F2, F3,
F4, F7, F8, F9, F10, G4, H1, H2,
H3, H4, H5, H6, J4, J6, K4, K6,
L4, L6
GND1 (4)
RF Ground
Power
0.0 V
A8, A9, A10, B8, B9, K1, K2, K3,
L1, L2
VCC1 (3)
3.3 V Power Supply
Power
3.3 V
B1
TREG
1.8 V Regulator Output Analog Output 0 to 3.3 V
C1
SEB
SPI enable (chip
enable)
Digital Input
0 to 3.3 V
C10
SCANB
Digital scan test
Digital Input
0 to 3.3 V
Transparent Top View
A
B
C
D
E
F
G
H
J
K
L
12
34
5
67
8
9 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com